PART |
Description |
Maker |
MAX3180E MAX3180EEUK-T MAX3181EEUK-T MAX3182EEUK-T |
±15kV ESD-Protected, 0.5µA, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23 5 15kV ESD-Protected, 0.5A, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23-5 "?à15kV ESD-Protected, 0.5?A, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23 5" ±15kV ESD-Protected, 0.5μA, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23-5 15kV ESD-Protected 0.5A 3V to 5.5V 1.5Mbps RS-232 Receivers in SOT23-5 15kV ESD-Protected / 0.5A / 3V to 5.5V / 1.5Mbps RS-232 Receivers in SOT23-5 5kV ESD-Protected, 0.5レA, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23-5 LINE RECEIVER, PDSO5
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
ICL3232EIA-T ICL3221EIA-T ICL3223EIA-T ICL3223ECA- |
ESD Protection for RS-232 I/O Pins to 5kV (IEC61000) 隆戮15kV ESD Protected, 3V to 5.5V, 1楼矛A, 250kbps, RS-232 Transmitters/Receivers 卤15kV ESD Protected, 3V to 5.5V, 1渭A, 250kbps, RS-232 Transmitters/Receivers ±15kV ESD Protected, 3V to 5.5V, 1μA, 250kbps, RS-232 Transmitters/Receivers
|
Intersil Corporation
|
MAX338 MAX3385E MAX3385ECAP MAX3385ECWN MAX3385EEA |
2.35V to 5.5V / 1A / 2Tx/2Rx RS-232 Transceivers with 15kV ESD-Protected I/O and Logic Pins LINE TRANSCEIVER, PDSO20 15kV ESD-Protected / 3.0V to 5.5V / Low-Power / up to 250kbps / True RS-232 Transceiver ±15kV ESD-Protected, 3.0 to 5.5V, Low-Power, Up to 250kbps, True RS-232 Transceiver ±15kV ESD-Protected, 3.0V to 5.5V, Low-Power,up to 250kbps, True RS-232 Transceiver 【15kV ESD-Protected, 3.0V to 5.5V, Low-Power, up to 250kbps, True RS-232 Transceiver ±15kV ESD-Protected, 3.0V to 5.5V, Low-Power, up to 250kbps, True RS-232 Transceiver
|
MAXIM INTEGRATED PRODUCTS INC MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products]
|
MAX3000E MAX3002EUP MAX3001EAUP MAX3003EUP MAX3001 |
1.2V to 5.5V, ±15kV ESD-Protected, 0.1uA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, ??5kV ESD-Protected, 0.1??, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, 5kV ESD-Protected, 0.1レA, 35Mbps, 8-Channel Level Translators SPECIALTY INTERFACE CIRCUIT, PDSO20 CLAMP 1.2V to 5.5V / 15kV ESD-Protected / 0.1A / 35Mbps / 8-Channel Level Translators
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc.
|
MAX3483E MAX3483ECPA MAX3483ECSA MAX3483EEPA MAX34 |
Quad LVDS Receiver with -4 to 5V Common-mode Range 16-SOIC -40 to 85 3.3V-Powered, ??5kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V Powered, ±15kV ESD-Protected, 12Mbps, Slew-Rate-Limited True RS-485/RS-422 Transceivers QVGA-VGA 27-Bit Display Serial Interface Receiver 48-BGA MICROSTAR JUNIOR -40 to 85 LINE TRANSCEIVER, PDSO8 3.3V-Powered, 5kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers QVGA-VGA 27-Bit Display Serial Interface Transmitter 48-BGA MICROSTAR JUNIOR -40 to 85 3.3V-Powered, ±15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, 15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, ±15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS- 485/RS-422 Transceivers 3.3V-Powered 15kV ESD-Protected 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, 【15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered / 15kV ESD-Protected / 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V Powered, ±15kV ESD-Protected, 12Mbps, Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, 15,-15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, 15,15kV ESD-Protected, 12Mbps
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
CA82C37A-8ED CA82C37A-5ED CA82C37A-10CD CA82C37A-1 |
/- 15 kV ESD protected 5 V RS-232 transceiver 3.3 V powered, 15 kV ESD protected, up to 12 Mbps true RS-485/RS-422 transceiver DMA Controller 5 V powered multi-channel RS-232 drivers and receivers DMA控制
|
Linear Technology, Corp.
|
MAX13442E-11 MAX13443E |
±15kV ESD-Protected, ±80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers
|
Maxim Integrated Produc...
|
MAX3440EEPA |
±15kV ESD-Protected, ±60V Fault-Protected,10Mbps, Fail-Safe RS-485/J1708 Transceivers
|
Maxim Integrated Produc...
|
MAX221E MAX221ECAE MAX221ECUE MAX221EEAE MAX221EEU |
±15kV ESD-Protected, 5V, 1uA, Single RS-232 Transceiver with AutoShutdown 15kV ESD-Protected, 5V, 1A, Single RS-232 Transceiver with AutoShutdown 【15kV ESD-Protected, 5V, 1レA, Single RS-232 Transceiver with AutoShutdown ±15kV ESD-Protected, 5V, 1µA, Single RS-232 Transceiver with AutoShutdown
|
Maxim Integrated Produc... MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
ADM3485EARZ-REEL ADM3485EAR-REEL ADM3485EAR-REEL7 |
ESD Protected, EMC Compliant, 3.3V, 12 Mbps, EIA RS-485 Transceiver; Package: SOIC; No of Pins: 8; Temperature Range: Industrial LINE TRANSCEIVER, PDSO8 ±15 kV ESD-Protected, 3.3 V,12 Mbps, EIA RS-485/RS-422 Transceiver
|
Analog Devices, Inc.
|
5962-9159302MZX 5962-9159301MZX 5962-9159305MKX 59 |
x4 SRAM ±10kV ESD-Protected, Quad 5V RS-485/RS-422 Transmitters ±10kV ESD-Protected, Quad 5V RS-485/RS-422 Transmitters x4的SRAM ±80V Fault-Protected, 2Mbps, Low Supply Current CAN Transceivers x4的SRAM
|
Electronic Theatre Controls, Inc. TE Connectivity, Ltd.
|
|